PART |
Description |
Maker |
SL6521CB-T |
PWM Buck DC/DC and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R
|
INTERSIL CORP
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
HI5714_4CBZ HI5714_7CB-T HI5714_7CBZ-T HI571404 HI |
8-Bit, 40/60/75/80 MSPS A/D Converter; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R 1-CH 8-BIT RESISTANCE LADDER ADC, PARALLEL ACCESS, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|
ISL9216IRZ-T |
8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC32
|
Intersil, Corp.
|